Part Number Hot Search : 
RB206S 0125B PSD813 MCP6241R LM2904LV CMF12A E13005 DTA123
Product Description
Full Text Search
 

To Download HMC-C016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
Features
Noise Figure: 2 dB @ 16 GHz Gain: 22 dB P1dB Output Power: +14 dBm @ 16 GHz 50 Ohm Matched Input/Output
Typical Applications
The HMC-C016 Wideband LNA is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military & Space * Test Instrumentation * Fiber Optics
Regulated Supply Hermetically Sealed Module Field Replaceable SMA Connectors -55 to +85C Operating Temperature
General Description
The HMC-C016 is a GaAs MMIC PHEMT Low Noise Amplifier in a miniature, hermetic module which operates between 7 and 17 GHz. This high dynamic range amplifier provides 22 dB of gain, 2 dB noise figure and up to +14 dBm of output power at 1 dB gain compression while operating from a single positive supply between +8 and +16 volts. The I/Os are internally matched to 50 Ohms and internally DC blocked for robust performance. The module features removable SMA connectors which can be detached to allow direct connection of the I/O pins to a microstrip or coplanar circuit.
Functional Diagram
Electrical Specifications, TA = +25 C, Vs= +8V to +16V
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current 8 17.5 Min. Typ. 7-9 20.5 0.02 3 8 20 12 17 24 93 11 0.025 4.5 19 Max. Min. Typ. 9 - 13 22 0.02 2.5 10 25 14 18 25 93 11 0.025 3 18 Max. Min. Typ. 13 - 17 21 0.02 2 10 15 14 18 25 93 0.025 3.0 Max. Units GHz dB dB/ C dB dB dB dBm dBm dBm mA
9 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
Gain & Return Loss
25 20 15 RESPONSE (dB) 10 5 0 -5 -10 -15 -20 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 FREQUENCY (GHz)
Gain vs. Temperature
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 6 7 8 9 10 11 12
9
AMPLIFIERS - CONNECTORIZED MODULES
9 - 39
GAIN (dB)
S21 S11 S22
+25C +85C -55C
13
14
15
16
17
18
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
Output Return Loss vs. Temperature
0 -5
RETURN LOSS (dB)
-5
+25C +85C -55C
RETURN LOSS (dB)
-10 -15 -20 -25
+25C +85C -55C
-10
-15 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
-30 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
Reverse Isolation vs. Temperature
0 -5 -10 ISOLATION (dB) -15 -20 -25 -30 -35 -40 -45 -50 -55 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25C +85C -55C
Noise Figure vs. Temperature
6 5 NOISE FIGURE (dB) 4 3 2 1 0 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25C +85C -55C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
P1dB vs. Temperature
24 22 20 18 P1dB (dBm) 14 12 10 8 6 4 2 0 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25C +85C -55C
Psat vs. Temperature
24 22 20 18 Psat (dBm) 16 14 12 10 8 6 4 2 0 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25C +85C -55C
16
Output IP3 vs. Temperature
30 28 26 24 OIP3 (dBm) 22 20 18 16 14 12 10 8 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25C +85C -55C
Power Compression @ 12 GHz
26 24 22 20 18 16 14 12 10 8 6 4 2 0 -20 Pout (dBm), GAIN (dB), PAE (%)
Pout Gain PAE
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
INPUT POWER (dBm)
Absolute Maximum Ratings
Bias Supply Voltage (Vs) RF Input Power (RFin) Storage Temperature Operating Temperature -0.3 Vdc to +25 Vdc +10 dBm -65 to +150 C -55 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
9 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
Pin Descriptions
Pin Number Function Description RF input connector, SMA female, field replaceable. This pin is AC coupled and matched to 50 Ohms from 7 - 17 GHz. Interface Schematic
9
AMPLIFIERS - CONNECTORIZED MODULES
9 - 41
1
RFIN & RF Ground
2
Vs
Power supply voltage for the amplifier.
3
RFOUT & RF Ground
RF output connector, SMA female, field replaceable. This pin is AC coupled and matched to 50 Ohms from 7 - 17 GHz.
4
GND
Power supply ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
9
AMPLIFIERS - CONNECTORIZED MODULES
Outline Drawing
NOTES: 1. PACKAGE, LEADS, COVER MATERIAL: KOVARTM 2. SPACER MATERIAL: ALUMINUM 3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 75 MICROINCHES MIN. 4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES .005 [0.13] UNLESS OTHERWISE SPECIFIED. 6. FIELD REPLACEABLE SMA CONNECTORS. TENSOLITE 5602 - 5CCSF OR EQUIVALENT. 7. TO MOUNT MODULE TO SYSTEM PLATFORM REPLACE 0 -80 HARDWARE WITH DESIRED MOUNTING SCREWS.
9 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-C016
v01.0506
WIDEBAND LNA MODULE, 7 - 17 GHz
Notes:
9
AMPLIFIERS - CONNECTORIZED MODULES
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
9 - 43


▲Up To Search▲   

 
Price & Availability of HMC-C016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X